Part Number Hot Search : 
MS2501 MS2501 23VL070 STK4164 L4969 1N4737AM F2048 USB22
Product Description
Full Text Search
 

To Download BGU7004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description the BGU7004 is an aec-q100 qualified low noise amplifier (lna) for gnss receiver applications in a plastic leadless 6-pin, extremely small sot886 package. the BGU7004 requires only one external matching inductor and one external decoupling capacitor. the BGU7004 adapts itself to the changing environment resulting from co-habitation of different radio systems in modern cellular handsets. it has been designed for low power consumption and optimal performance when jamming signals from co-existing cellular transmitters are present. at low jamming powe r levels it delivers 16.5 db gain at a noise figure of 0.85 db. during high jamming power levels, resulting for example from a cellular transmit burst, it temporar ily increases its bias curr ent to improve sensitivity. 1.2 features and benefits ? aec-q100 qualified (see section 9.1 ) ? covers full gnss l1 band, from 1559 mhz to 1610 mhz ? noise figure (nf) = 0.85 db ? gain 16.5 db ? high input 1 db compression point p i (1db) of ? 11 dbm ? high out of band ip3 i of 9 dbm ? supply voltage 1.5 v to 2.85 v ? power-down mode current consumption < 1 ? a ? optimized performance at lo w supply current of 4.5 ma ? integrated matching for the output ? requires only one input matching inductor and one supply decoupling capacitor ? input and output dc decoupled ? esd protection on all pins (hbm > 2 kv) ? integrated temper ature stabilized bias for easy design ? small 6-pin leadless package 1 mm ? 1.45 mm ? 0.5 mm ? 110 ghz transit frequenc y - sige:c technology BGU7004 sige:c low noise amplifier mmic for gps, glonass and galileo rev. 1 ? 5 july 2011 product data sheet caution this device is sensitive to electrostatic di scharge (esd). therefore care should be taken during transport and handling.
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 2 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps 1.3 applications ? lna for gps in automotive applications like toll collection and emergency call. ? lna for gps in smart phones, feature phones, tablet pcs, personal navigation devices, digital still cameras, digital video cameras, rf front end modules, complete gps chipset modules and theft protection (laptop, atm). 1.4 quick reference data [1] pcb losses are substracted. [2] including pcb losses. [3] f 1 = 1713 mhz; f 2 = 1851 mhz; p 1 = p 2 = ?30 dbm. 2. pinning information table 1. quick reference data f = 1559 mhz to 1610 mhz; v cc = 1.8 v; p i < ? 40 dbm; t amb =25 ? c; input matched to 50 ? using a 5.6 nh inductor; unless otherwise specified. symbol parameter conditions min typ max unit v cc supply voltage rf input ac coupled 1.5 - 2.85 v i cc supply current v enable ? 0.8 v p i < ? 40 dbm 3.2 4.5 5.7 ma p i = ? 20 dbm 8.1 11.6 14.4 ma g p power gain p i < ? 40 dbm, no jammer 14 16.5 19 db p i = ? 20 dbm, no jammer 15 17.5 20 db nf noise figure p i < ? 40 dbm, no jammer [1] - 0.85 1.2 db p i < ? 40 dbm, no jammer [2] -0.91.3db p i = ? 20 dbm, no jammer - 1.2 1.6 db p i(1db) input power at 1 db gain compression f = 1559 mhz to 1610 mhz v cc =1.5v ? 15 ? 12 - dbm v cc =1.8v ? 14 ? 11 - dbm v cc =2.85v ? 11 ? 8- dbm ip3 i input third-order intercept point f = 1.575 ghz v cc =1.5v [3] 58 - dbm v cc =1.8v [3] 59 - dbm v cc =2.85v [3] 512- dbm table 2. pinning pin description simplified outline graphic symbol 1gnd 2gnd 3rf_in 4v cc 5 enable 6r f _ o u t bottom view 321 456 sym129 4 5 21 6 3
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 3 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps 3. ordering information 4. marking 5. limiting values [1] t sp is the temperature at the soldering point of the emitter lead. [2] due to internal esd diode protection, the applied voltage should not exceed the specified maximum in order to avoid excess current. [3] the rf input and rf output are ac coupled through internal dc blocking capacitors. 6. thermal characteristics table 3. ordering information type number package name description version BGU7004 xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 ? 1.45 ? 0.5 mm sot886 table 4. marking codes type number marking code BGU7004 uy table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v cc supply voltage rf input ac coupled ? 0.5 3.1 v v enable voltage on pin enable v cc ? 2.5 v ? 0.5 3.1 v v cc < 2.5 v [2] ? 0.5 v cc +0.6 v v rf_in voltage on pin rf_in dc v cc ? 3.0 v [3] ? 0.5 3.6 v v cc < 3.0 v [2] [3] ? 0.5 v cc +0.6 v v rf_out voltage on pin rf_out dc v cc ? 1.8 v [3] ? 0.5 3.6 v v cc < 1.8 v [2] [3] ? 0.5 v cc +1.8 v p i input power - 0 dbm p tot total power dissipation t sp ? 130 ?c [1] 55 mw t stg storage temperature ? 65 150 ?c t j junction temperature - 150 ?c table 6. thermal characteristics symbol parameter conditions typ unit r th(j-sp) thermal resistance from junction to solder point 225 k/w
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 4 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps 7. characteristics table 7. characteristics f = 1559 mhz to 1610 mhz; v cc = 1.8 v; v enable ? 0.8 v; p i < ? 40 dbm; t amb =25 ? c; input matched to 50 ? using a 5.6 nh inductor; unless otherwise specified. symbol parameter conditions min typ max unit v cc supply voltage rf input ac coupled 1.5 - 2.85 v i cc supply current v enable ? 0.8 v p i < ? 40 dbm 3.2 4.5 5.7 ma p i = ? 20 dbm 8.1 11.6 14.4 ma v enable ? 0.3 v - - 1 ? a t amb ambient temperature ? 40 +25 +125 ?c g p power gain t amb =25 ?c p i < ? 40 dbm, no jammer 14 16.5 19 db p i = ? 20 dbm, no jammer 15 17.5 20 db p jam = ? 20 dbm; f jam = 850 mhz 15 17.5 20 db p jam = ? 20 dbm; f jam = 1850 mhz 15 17.5 20 db ? 40 ?c ? t amb ? +125 ? c p i < ? 40 dbm, no jammer 13 - 20 db p i = ? 20 dbm, no jammer 14 - 21 db p jam = ? 20 dbm; f jam = 850 mhz 14 - 21 db p jam = ? 20 dbm; f jam =1850mhz 14 - 21 db rl in input return loss p i < ? 40 dbm 5 8 - db p i = ? 20 dbm 6 10 - db rl out output return loss p i < ? 40 dbm 10 20 - db p i = ? 20 dbm 10 14 - db isl isolation 20 23 - db nf noise figure t amb =25 ?c p i < ? 40 dbm, no jammer [1] - 0.85 1.2 db p i < ? 40 dbm, no jammer [2] -0.91.3db p i = ? 20 dbm, no jammer - 1.2 1.6 db p jam = ? 20 dbm; f jam = 850 mhz - 1.1 1.5 db p jam = ? 20 dbm; f jam =1850mhz - 1.3 1.7 db ? 40 ?c ? t amb ? +125 ? c p i < ? 40 dbm, no jammer - - 1.8 db p i = ? 20 dbm, no jammer - - 2.0 db p jam = ? 20 dbm; f jam =850mhz - - 1.9 db p jam = ? 20 dbm; f jam =1850mhz - - 2.1 db
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 5 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps [1] pcb losses are subtracted. [2] including pcb losses. [3] out of band. [4] f 1 = 1713 mhz; f 2 = 1851 mhz; p 1 = p 2 = ?30 dbm. [5] within 10 % of the final gain. p i(1db) input power at 1 db gain compression f = 1559 mhz to 1610 mhz v cc =1.5v ? 15 ? 12 - dbm v cc =1.8v ? 14 ? 11 - dbm v cc =2.85v ? 11 ? 8- dbm f = 806 mhz to 928 mhz v cc =1.5v [3] ? 15 ? 12 - dbm v cc =1.8v [3] ? 14 ? 11 - dbm v cc =2.85v [3] ? 14 ? 11 - dbm f = 1612 mhz to 1909 mhz v cc =1.5v [3] ? 13 ? 10 - dbm v cc =1.8v [3] ? 12 ? 9- dbm v cc =2.85v [3] ? 10 ? 7- dbm ip3 i input third-order intercept point f = 1.575 ghz v cc =1.5v [4] 58 - dbm v cc =1.8v [4] 59 - dbm v cc =2.85v [4] 512 - dbm t on turn-on time [5] -- 2 ? s t off turn-off time [5] -- 1 ? s k rollett stability factor 1 - - table 7. characteristics ?continued f = 1559 mhz to 1610 mhz; v cc = 1.8 v; v enable ? 0.8 v; p i < ? 40 dbm; t amb =25 ? c; input matched to 50 ? using a 5.6 nh inductor; unless otherwise specified. symbol parameter conditions min typ max unit table 8. enable (pin 5) ? 40 ? c ? t amb ? +125 ? c; 1.5 v ? v cc ? 2.85 v v enable (v) state ? 0.3 off ? 0.8 on
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 6 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps 8. application information 8.1 gnss lna for a list of components see table 9 . fig 1. schematics gnss lna evaluation board table 9. list of components for schematics see figure 1 . component description value supplier remarks c1 decoupling capacitor 1 nf various ic1 BGU7004 - nxp l1 high quality matching inductor 5.6 nh murata lqw15a 001aak685 v en rf in 3 ic1 5 2 4 1 6 rf out v cc c1 l1 p i = ? 45 dbm. (1) t amb = ?40 ? c (2) t amb = +25 ? c (3) t amb = +85 ? c (4) t amb = +125 ? c p i = ? 45 dbm. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 2. supply current as a function of supply voltage; typical values fig 3. supply current as a function of ambient temperature; typical values v cc (v) 1.0 3.5 3.0 2.0 2.5 1.5 001aao192 4.5 5.5 6.5 i cc (ma) 3.5 (1) (3) (2) (4) t amb (c) -55 145 105 25 65 -15 001aao193 4.0 5.0 6.0 i cc (ma) 3.0 (3) (1) (2)
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 7 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps v cc = 1.8 v; p i = ? 45 dbm. (1) t amb = ?40 ? c (2) t amb = +25 ? c (3) t amb = +85 ? c (4) t amb = +125 ? c v cc = 1.8 v; t amb =25 ? c. (1) p i = ? 45 dbm (2) p i = ? 30 dbm (3) p i = ? 20 dbm (4) p i = ? 15 dbm fig 4. power gain as a function of frequency; typical values fig 5. power gain as a function of frequency; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aao194 8 12 4 16 20 g p (db) 0 (1) (3) (2) (4) f (mhz) 500 3000 2500 1500 2000 1000 001aak691 8 12 4 16 20 g p (db) 0 (4) (3) (2) (1) p i = ? 45 dbm; t amb =25 ? c. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v t amb =25 ? c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 6. power gain as a function of frequency; typical values fig 7. power gain and supply current as function of input power; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aak692 6 12 18 g p (db) 0 (3) (2) (1) p i (dbm) -50 0 -10 -30 -20 -40 001aao195 14 11 17 20 g p (db) 8 15 5 10 20 25 0 i cc (ma) (1) (2) (1) (2) g p i cc (3) (3)
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 8 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps f = 1575 mhz; t amb =25 ? c; no jammer. f = 1575 mhz; t amb =25 ? c; no jammer. fig 8. noise figure as a function of supply voltage; typical values fig 9. noise figure as a function of supply voltage; typical values f (mhz) 1550 1620 1606 1578 1592 1564 001aao196 0.8 0.4 1.2 1.6 nf (db) 0 v cc (v) 1.2 3.2 2.8 2.0 2.4 1.6 001aak694 0.8 0.4 1.2 1.6 nf (db) 0 f = 1575 mhz; v cc = 1.8 v; no jammer. f jam = 850 mhz; t amb =25 ? c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 10. noise figure as a function of ambient temperature; typical values fig 11. noise figure as a function of jamming power; typical values t amb (c) -50 150 100 050 001aao197 0.8 0.4 1.2 1.6 nf (db) 0 p jam (dbm) -50 0 -10 -30 -20 -40 001aak696 2 1 3 4 nf (db) 0 (3) (2) (1)
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 9 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps f jam = 1850 mhz; t amb =25 ? c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v v cc = 1.8 v; p i = ? 45 dbm. (1) t amb = ?40 ? c (2) t amb = +25 ? c (3) t amb = +85 ? c (4) t amb = +125 ? c fig 12. noise figure as a function of jamming power; typical values fig 13. input return loss as a function of frequency; typical values p jam (dbm) -50 0 -10 -30 -20 -40 001aak697 2 1 3 4 nf (db) 0 (3) (2) (1) f (mhz) 500 3000 2500 1500 2000 1000 001aao198 -9 -6 -12 -3 0 rl in (db) -15 (4) (2) (3) (1) v cc = 1.8 v; t amb =25 ? c. (1) p i = ?45 dbm (2) p i = ?30 dbm (3) p i = ?20 dbm (4) p i = ?15 dbm p i = ? 45 dbm; t amb =25 ? c. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 14. input return loss as a function of frequency; typical values fig 15. input return loss as a function of frequency; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aak699 -9 -6 -12 -3 0 rl in (db) -15 (1) (2) (3) (4) f (mhz) 500 3000 2500 1500 2000 1000 001aak700 -9 -6 -12 -3 0 rl in (db) -15 (1) (2) (3)
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 10 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps t amb =25 ? c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v v cc = 1.8 v; p i = ? 45 dbm. (1) t amb = ?40 ? c (2) t amb = +25 ? c (3) t amb = +85 ? c (4) t amb = +125 ? c fig 16. input return loss as a function of input power; typical values fig 17. output return loss as a function of frequency; typical values p i (dbm) -50 0 -10 -30 -20 -40 001aak701 -9 -6 -12 -3 0 rl in (db) -15 (2) (3) (1) f (mhz) 500 3000 2500 1500 2000 1000 001aao199 -12 -8 -16 -4 0 rl out (db) -20 (1) (4) (2) (3) v cc = 1.8 v; t amb =25 ? c. (1) p i = ?45 dbm (2) p i = ?30 dbm (3) p i = ?20 dbm (4) p i = ?15 dbm p i = ? 45 dbm; t amb =25 ? c. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 18. output return loss as a function of frequency; typical values fig 19. output return loss as a function of frequency; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aak703 -12 -8 -16 -4 0 rl out (db) -20 (4) (3) (2) (1) f (mhz) 500 3000 2500 1500 2000 1000 001aak704 -12 -8 -16 -4 0 rl out (db) -20 (1) (2) (3)
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 11 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps t amb =25 ? c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v v cc = 1.8 v; p i = ? 45 dbm. (1) t amb = ?40 ? c (2) t amb = +25 ? c (3) t amb = +85 ? c (4) t amb = +125 ? c fig 20. output return loss as a function of input power; typical values fig 21. isolation as a function of frequency; typical values p i (dbm) -50 0 -10 -30 -20 -40 001aak705 -12 -8 -16 -4 0 rl out (db) -20 (1) (2) (3) f (mhz) 500 3000 2500 1500 2000 1000 001aao200 -20 -30 -10 0 isl (db) -40 (4) (2) (3) (1) v cc = 1.8 v; t amb =25 ? c. (1) p i = ?45 dbm (2) p i = ?30 dbm (3) p i = ?20 dbm (4) p i = ?15 dbm p i = ? 45 dbm; t amb =25 ? c. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 22. isolation as a function of frequency; typical values fig 23. isolation as a function of frequency; typical values f (mhz) 500 3000 2500 1500 2000 1000 001aak707 -20 -30 -10 0 isl (db) -40 (4) (3) (2) (1) f (mhz) 500 3000 2500 1500 2000 1000 001aak708 -20 -30 -10 0 isl (db) -40 (1) (2) (3)
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 12 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps t amb =25 ? c; f = 1575 mhz. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v f = 850 mhz. (1) t amb = ?40 ? c (2) t amb = +25 ? c (3) t amb = +85 ? c (4) t amb = +125 ? c fig 24. isolation as a function of input power; typical values fig 25. input power at 1 db gain compression as a function of supply voltage; typical values p i (dbm) -50 0 -10 -30 -20 -40 001aak709 -20 -30 -10 0 isl (db) -40 (1) (2) (3) v cc (v) 1.2 3.2 2.8 2 2.4 1.5 001aao201 -12 -8 -16 -4 0 p i(1db) (dbm) -20 (1) (2) (4) (3) f = 1850 mhz. (1) t amb = ?40 ? c (2) t amb = +25 ? c (3) t amb = +85 ? c (4) t amb = +125 ? c f = 1575 mhz. (1) t amb = ?40 ? c (2) t amb = +25 ? c (3) t amb = +85 ? c (4) t amb = +125 ? c fig 26. input power at 1 db gain compression as a function of supply voltage; typical values fig 27. input power at 1 db gain compression as a function of supply voltage; typical values v cc (v) 1.2 3.2 2.8 2 2.4 1.6 001aao202 -12 -8 -16 -4 0 p i(1db) (dbm) -20 (3) (1) (2) (4) v cc (v) 1.2 3.2 2.8 2 2.4 1.6 001aao203 -12 -8 -16 -4 0 p i(1db) (dbm) -20 (1) (2) (3) (4)
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 13 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps f = 1575 mhz; f 1 = 1713 mhz; f 2 = 1851 mhz; t amb =25 ? c. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v f = 1575 mhz; f 1 = 1713 mhz; f 2 = 1851 mhz; v cc =1.8v. (1) t amb = ?40 ? c (2) t amb = +25 ? c (3) t amb = +85 ? c (4) t amb = +125 ? c fig 28. third order intermodulation distortion and output power as function of input power; typical values fig 29. third order intermodulation distortion and output power as function of input power; typical values p i (dbm) -40 -15 -20 -30 -25 -35 001aak717 20 imd3, p l (dbm) -20 -60 -100 -120 -80 -40 0 (1) (2) (3) (1) imd3 of 1575 mhz signal p l of 1713 mhz signal (2) (3) p i (dbm) -40 -10 -20 -30 001aao204 20 imd3, p l (dbm) -120 -100 -80 -60 -40 -20 0 (3) (1) (2) (4) (2) (3) p l of 1713 mhz signal imd3 of 1575 mhz signal (1) (4) v cc = 1.8 v; p i = ? 45 dbm. (1) t amb = ?40 ? c (2) t amb = +25 ? c (3) t amb = +85 ? c (4) t amb = +125 ? c t amb =25 ? c; p i = ? 45 dbm. (1) v cc = 1.5 v (2) v cc = 1.8 v (3) v cc = 2.85 v fig 30. rollett stability fa ctor as a function of frequency; typical values fig 31. rollett stability factor as a function of frequency; typical values 001aao205 10 1 10 2 k 10 -1 f (mhz) 0 10000 8000 4000 6000 2000 (3) (1) (2) (4) 001aak720 10 1 10 2 k 10 -1 f (mhz) 0 10000 8000 4000 6000 2000 (3) (2) (1)
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 14 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps 8.2 gps front-end the gps lna is typically used in a gps fron t-end. a gps front-end application circuit and its characteristics is provided here. 8.3 characteristics gps front-end for a list of components see table 10 . fig 32. schematics gps front-end evaluation board 001aak721 v en rf in bpf1 bpf2 3 ic1 5 2 4 1 6 rf out v cc c1 l1 table 10. list of components for schematics see figure 32 . component description value supplier remarks bpf1, bpf2 gps saw filter - m urata safea1g57ke0f00 alternatives from epcos: ? b9444 alternatives from murata: ? safea1g57kh0f00 ? safea1g57kb0f00 alternatives from fujitsu: ? far-f6ka-1g5754-l4aa ? far-f6ka-1g5754-l4aj c1 decoupling capacitor 1 nf various ic1 BGU7004 - nxp l1 high quality matching inductor 5.6 nh murata lqw15a table 11. characteristics gps front-end f = 1575 mhz; v cc = 1.8 v; v enable ? 0.8 v; power at lna input p i < ? 40 dbm; t amb =25 ? c; input and output matched to 50 ? ; unless otherwise specified. symbol parameter conditions min typ max unit v cc supply voltage rf input ac coupled 1.5 - 2.85 v i cc supply current -4.5- ma g p power gain power at lna input p i < ? 40 dbm [1] - 14.5 - db power at lna input p i = ? 20 dbm [1] - 15.5 - db rl in input return loss power at lna input p i < ? 40 dbm [1] -8.5- db power at lna input p i = ? 20 dbm [1] - 10.5 - db rl out output return loss power at lna input p i < ? 40 dbm [1] - 14.5 - db power at lna input p i = ? 20 dbm [1] - 12.5 - db
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 15 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps [1] power at gps front-end input = power at lna input + attenuation bpf1. [2] out of band. [3] f 1 = 1713 mhz; f 2 = 1851 mhz; p 1 = p 2 = +10 dbm. [4] relative to f = 1575 mhz. [5] within 10 % of the final gain. 9. test information 9.1 quality information all qualification tests are performed accord ing aec-q100 except for read point testing (final test of qualificatio n sample). which is done only at room temperature. as part of the zero defect program, the fo llowing is part of the industrial test flow: ? part average testing ? maverick lot handling at assembly factory nf noise figure power at lna input p i < ? 40 dbm [1] -1.8- db power at lna input p i = ? 20 dbm [1] -1.9- db p i(1db) input power at 1 db gain compression f = 1575 mhz ? 8.2 dbm f = 806 mhz to 928 mhz [2] 31 dbm f = 1612 mhz to 1909 mhz [2] 40 dbm ip3 i input third-order intercept point [3] 64 dbm ? attenuation f = 850 mhz [4] 95 - - dbc f = 1850 mhz [4] 90 - - dbc t on turn-on time [5] -- 2 ? s t off turn-off time [5] -- 1 ? s table 11. characteristics gps front-end ?continued f = 1575 mhz; v cc = 1.8 v; v enable ? 0.8 v; power at lna input p i < ? 40 dbm; t amb =25 ? c; input and output matched to 50 ? ; unless otherwise specified. symbol parameter conditions min typ max unit
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 16 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps 10. package outline fig 33. package outline sot886 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot886 mo-252 sot886 04-07-15 04-07-22 dimensions (mm are the original dimensions) xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 1.5 1.4 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.50.6 a (1) max 0.5 0.04 1 6 2 5 3 4 6 (2) 4 (2) a
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 17 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps 11. abbreviations 12. revision history table 12. abbreviations acronym description ac alternating current aec automotive electronics council atm automated teller machine (cash dispenser) bpf band-pass filter glonass global'naya navigatsionnaya sputnikovaya sistema (global navigation satellite system) gnss global navigation satellite system gps global positioning system hbm human body model lna low noise amplifier mmic monolithic microwave integrated circuit rf radio frequency saw surface acoustic wave sige:c silicon germanium carbon table 13. revision history document id release date data sheet status change notice supersedes BGU7004 v.1 20110705 product data sheet - -
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 18 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps 13. legal information 13.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 13.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 13.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
BGU7004 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 1 ? 5 july 2011 19 of 20 nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully in demnifies nxp semi conductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. 13.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 14. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors BGU7004 sige:c low noise amplifier mmic for gps ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 5 july 2011 document identifier: BGU7004 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 15. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . 2 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 3 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 thermal characteristics . . . . . . . . . . . . . . . . . . 3 7 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 application information. . . . . . . . . . . . . . . . . . . 6 8.1 gnss lna . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 8.2 gps front-end. . . . . . . . . . . . . . . . . . . . . . . . . 14 8.3 characteristics gps front-end . . . . . . . . . . . . 14 9 test information . . . . . . . . . . . . . . . . . . . . . . . . 15 9.1 quality information . . . . . . . . . . . . . . . . . . . . . 15 10 package outline . . . . . . . . . . . . . . . . . . . . . . . . 16 11 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 17 12 revision history . . . . . . . . . . . . . . . . . . . . . . . . 17 13 legal information. . . . . . . . . . . . . . . . . . . . . . . 18 13.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 18 13.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 13.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 13.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 19 14 contact information. . . . . . . . . . . . . . . . . . . . . 19 15 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20


▲Up To Search▲   

 
Price & Availability of BGU7004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X